PART |
Description |
Maker |
907-0010 912-0120 914-0040 914-0070 914-0140 912-0 |
PUNCH&DIE SET 3-12MM PUNCH&DIE 10.0MM CIRCULAR PUNCH&DIE 16.5MM CIRCULAR PUNCH&DIE 25.0MM CIRCULAR PUNCH&DIE 12.0MM CIRCULAR PUNCH&DIE 9.0MM CIRCULAR PUNCH&DIE 20.0MM CIRCULAR PUNCH&DIE 12.5MM CIRCULAR STRIPPER 37.0 X 13.7 D CON STRIPPER 31.75MM DIAMETER 低产31.75MM直径 LOUVRE TOOL 卢浮宫工 PUNCH&DIE 10.0MM CIRCULAR STRIPPER 67.2 X 16.5 D CON
|
Peregrine Semiconductor, Corp. Molex, Inc.
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
CLV0730A |
Circular Connector; No. of Contacts:19; Series:; Body Material:Aluminum; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:14-19 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc.
|
TSMBJ1005C-072 MICROCOMMERCIALCOMPONENTS-TSMBJ1005 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-5
|
Micro Commercial Components Corp.
|
MPC859DSLZP66 |
Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-55
|
飞思卡尔半导体(中国)有限公司
|
ADA3200AEP5AP |
Circular Connector; Body Material:Aluminum Alloy; Series:KPT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55
|
Advanced Micro Devices, Inc.
|
1N4007ID 1N4004ID 1N4001ID 1N4002ID 1N4003ID 1N400 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:31; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:24-31 Rectifiers
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
SAI-1011 |
Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-35 RoHS Compliant: No
|
Micro Electronics
|
MH32D72AKLA-75 |
Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No
|
Mitsubishi Electric Corporation
|
UPD78365AGF-3B9 |
Circular Connector; No. of Contacts:56; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-4 RoHS Compliant: No
|
NEC Corp.
|